Part Number Hot Search : 
C1510 N3F20CA2 1N5453A XFMRS 2SC4684 CH5001A ST72F 599PR2C
Product Description
Full Text Search
 

To Download KW3-402A2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KW3-402 SERIES
LED Numeric Display Three Digit (0.40")
DESCRIPTION:
The KW3-402 series is 0.40 inch (10.20mm) height three digit display designed for viewing distances of up to six meters. This series is suitable for use in instruments, point of sales terminals and electrical appliances. All devices are available as either common anode or common cathode.
PACKAGE DIMENSIONS
8
o
5.80
1.04 10.20(.40")
DIG.1
DIG.2 F E
DIG.3 A G B C D DP
PIN 1.
10.16
10.16 30.10 7.00
ABSOLUTE MAXIMUM RATINGS: (Ta=25 C)
Parameter Max Reverse Voltage per segment 5V Reverse Current per segment (Vr = 5V) 100A Derating Linear from 25oC per segment 0.4mA/ oC Operating Temperature Range -40oC To 85oC Storage Temperature Range -40oC To 100oC Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260oC
NOTES : 1. All dimensions are in millimeters (inches). 2. Tolerance is +0.25mm(0.010) unless otherwise specified. 3. Specifications are subject to change without notice. 4. NP: No Pin. 5. NC: No Connect.
o
16.00
0.5 2.54*10=25.40 12.70
INTERNAL CIRCUIT DIAGRAM
DIG.1
11
DIG.2
DIG.3
ABCDEFG
ABCDEFG
ABCDEFG
20 19 3 2 1 21 22 17 16 6 5 4 18 7
13 12 10 9 8 14 15
TESTING CONDITION FOR EACH PARAMETER :
Parameter Forward Voltage Peak Emission Wave Length Spectral Line Half-Width Reverse Current Average Luminous Intensity Symbol Vf Ir Iv Unit V nm nm A cd Test Condition If=20mA If=20mA If=20mA Vr=5V If=10mA
DIG.1
11
DIG.2
DIG.3
ABCDEFG
ABCDEFG
ABCDEFG
20 19 3 2 1 21 22 17 16 6 5 4 18 7
13 12 10 9 8 14 15
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25 C AMBIENT)
Chip Part No. Raw Material GaAsP/GaP GaAlAs GaP GaP GaAsP/GaP GaAsP/GaP GaAlAs GaP GaP GaAsP/GaP Emitted Color Hi-Eff. Red Super Red Green Super Green Yellow Hi-Eff Red Super Red Common Green Cathode Super Green Yellow 570 585 30 30 100 100 50 50 100 100 1.7 1.7 2.2 1.9 2.6 10-20 850 2.6 10-20 600 1900 1500 565 30 100 50 100 1.7 2.2 2.6 10-20 700 1600 Common Anode C.C or C.A Wave Length (nm) 635 660 565 570 585 635 660 Absolute Maximum Ratings Pd If Electro-optical Data(at 10mA)
o
If If Vf (V) Iv (cd) (Peak) Per Segment (Rec) Per Segment (nm) (mW) (mA) (mA) Min. Typ. Max. mA Min. Typ. 45 20 30 30 30 45 20 100 100 100 100 100 100 100 50 50 50 50 50 50 50 100 100 100 100 100 100 100 1.7 1.5 1.7 1.7 1.7 1.7 1.5 1.9 1.9 2.2 2.2 1.9 1.9 1.9 2.6 10-20 700 1800
KW3-402A3 KW3-402AS KW3-402A2 KW3-402AG KW3-402A6 KW3-402C3 KW3-402CS KW3-402C2 KW3-402CG KW3-402C6
2.6 10-20 1500 5000 2.6 10-20 700 2.6 10-20 850 2.6 10-20 600 2.6 10-20 700 1600 1900 1500 1800
2.6 10-20 1500 5000
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments. 2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve. 3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).


▲Up To Search▲   

 
Price & Availability of KW3-402A2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X